PART |
Description |
Maker |
IDT74ALVCH16276PA |
ALVC/VCX/A SERIES, 12-BIT EXCHANGER, TRUE OUTPUT, PDSO56
|
INTEGRATED DEVICE TECHNOLOGY INC
|
IDT74ALVC162244PAG |
ALVC/VCX/A SERIES, QUAD 4-BIT DRIVER, TRUE OUTPUT, PDSO48
|
INTEGRATED DEVICE TECHNOLOGY INC
|
74ALVC162334PAG8 |
ALVC/VCX/A SERIES, 16-BIT DRIVER, TRUE OUTPUT, PDSO48 TSSOP-48
|
Integrated Device Technology, Inc.
|
74ALVC16839 74ALVC16839MTD |
Low Voltage 20-Bit Selectable Register/Buffer with 3.6V Tolerant Inputs and Outputs ALVC/VCX/A SERIES, 20-BIT DRIVER, TRUE OUTPUT, PDSO56 From old datasheet system
|
Fairchild Semiconductor, Corp. FAIRCHILD[Fairchild Semiconductor]
|
74VCX16374 74VCX16374MTD 74VCX16374G 74VCX16374GX |
Low Voltage 16-Bit D-Type Flip-Flop with 3.6V Tolerant Inputs and Outputs; Package: BGA; No of Pins: 54; Container: Tape & Reel ALVC/VCX/A SERIES, DUAL 8-BIT DRIVER, TRUE OUTPUT, PBGA54
|
Fairchild Semiconductor, Corp. FAIRCHILD[Fairchild Semiconductor]
|
74VCX32M |
Low Voltage Quad 2-Input OR Gate with 3.6V Tolerant Inputs and Outputs ALVC/VCX/A SERIES, QUAD 2-INPUT OR GATE, PDSO14
|
Fairchild Semiconductor, Corp.
|
74VCX32BQX 74VCX32 74VCX32MTC 74VCX32M 74VCX32MX 7 |
Low Voltage Quad 2-Input OR Gate with 3.6V Tolerant Inputs and Outputs; Package: SOIC; No of Pins: 14; Container: Tape & Reel ALVC/VCX/A SERIES, QUAD 2-INPUT OR GATE, PDSO14
|
FAIRCHILD[Fairchild Semiconductor] Fairchild Semiconductor, Corp.
|
74ALVCH2245 74ALVCH2245MTC 74ALVCH2245WM 74ALVCH22 |
BUS TRANSCEIVER|SINGLE|8-BIT|AVC/ALVC-CMOS|TSSOP|20PIN|PLASTIC BUS TRANSCEIVER|SINGLE|8-BIT|AVC/ALVC-CMOS|SOP|20PIN|PLASTIC Low Voltage Bidirectional Transceiver with Bushold and 26з Series Resistors in B Outputs Low Voltage Bidirectional Transceiver with Bushold and 26 Series Resistors in B Outputs From old datasheet system Low Voltage Bidirectional Transceiver with Bushold and 26-Ohm Series Resistors in B Outputs Low Voltage Bidirectional Transceiver with Bushold and 26 Ohm Series Resistors in B Outputs
|
Fairchild Semiconductor Corporation FAIRCHILD[Fairchild Semiconductor]
|
A6276ELP-T A6276EA-T A6276SLWTR-T 6276_03 A6276ELP |
16-BIT SERIAL-INPUT, CONSTANT CURRENT LATCHED LED DRIV ER
|
ALLEGRO[Allegro MicroSystems]
|
TC4423 TC4424 TC4425 |
The TC4423/4424/4425 are higher output current versions of the new TC4426/4427/4428 buffer/drivers, which, in turn, are improved versions of the earlier TC426/427/428 series. All three families are pin-compatible. The TC4423/4424/4425 driv
|
Microchip
|